Part Number Hot Search : 
2SC3032 AN328 CITR215 00BZXC 2SK402 GRM033 VGT814 FAN7083M
Product Description
Full Text Search
 

To Download URS1A102MHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v aluminum electrolytic capacitors rs series compact & low-profile sized more compact & low profile case sizes than vs series. adapted to the rohs directive (2002/95/ec). radial lead type specifications type numbering system (example : 10v 330f) category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 40 ~ +85 ? c 6.3 ~ 400v 0.1 ~ 10000f 20% at 120hz, 20 ? c printed with white color letter on black sleeve. after storing the capacitors under no load at 85 ? c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c,they will meet the specified value for endurance characteristics listed above. rated voltage ( v ) 6.3 ~ 100 160 ~ 400 after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4 (a), whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a), whichever is greater. after 1 minute's application of rated voltage. i = 0.04cv+100 (a) or less rated voltage (v) tan ( max. ) 6.3 0.28 10 0.24 16 0.20 25 0.16 35 0.14 50 63 100 160 0.12 0.10 0.08 0.20 200 250 0.20 0.20 400 0.25 for capacitance of more than 1000 f , add 0.02 for every increase of 1000 f . measurement frequency : 120hz, temperature : 20 ? c measurement frequency : 120hz after 2000 hours' application of rated voltage at 85 ? c, capacitors meet the characteristic requirements listed at right. z 25 ? c / z+20 ? c z 40 ? c / z+20 ? c rated voltage (v) impedance ratio zt / z20 (max. ) 6.3 5 12 10 4 10 16 3 8 25 2 5 35 2 4 50 2 3 u 1 r 2 s 3 1 4 a 5 3 6 3 7 1 8 m 9 p 10 d 11 12 configuration size code capacitance tolerance ( 20%) rated capacitance (330 f) rated voltage (10v) series name type pressure relief vent 15 min 4 min d d + 0.5 max p 0.5 ( 8up) l + max d 5 ?6.3 pb-free leadwire pb-free pet sleeve dd 8 ?10 pd 12.5 ~ 18 hd 20 rd configuration sleeve ( p.e.t. ) d p d 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 18 7.5 0.8 20 10.0 1.0 ( d 20) 1.5 ( d 20) 2.0 (mm) leakage current tan capacitance change initial specified value or less 200% or less of initial specified value within 20% of initial value please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. please refer to page 21 about the end seal configulation. rs rz high temperature (through 100v only) dimension table in next page. 63 2 3 100 2 3 160 3 4 200 3 4 250 3 6 400 6 10
cat.8100v rs series aluminum electrolytic capacitors dimensions 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 0j 6.3 1h 50 5 9 5 9 5 9 5 9 6.3 9 6.3 9 8 9 10 9 12.5 15 16 15 16 15 18 15 18 20 35 55 75 125 200 250 330 510 890 1200 1410 1660 2020 1.1 2.3 3.5 5 13 26 35 40 65 90 120 140 240 420 530 750 1160 1750 1v 35 5 9 5 9 5 9 5 9 6.3 9 8 9 10 9 10 12.5 12.5 12.5 16 15 18 20 20 25 35 55 95 100 130 220 340 480 590 1010 1560 2000 1e 25 5 9 5 9 5 9 5 9 5 9 6.3 9 10 9 10 9 10 12.5 12.5 15 18 15 18 20 18 25 30 50 75 95 110 180 310 380 530 830 1360 1720 2050 1c 16 5 9 5 9 5 9 5 9 6.3 9 8 9 10 9 10 9 12.5 12.5 16 15 18 15 18 20 18 25 40 70 85 100 160 290 360 410 720 1160 1460 1770 2170 1a 10 5 9 5 9 5 9 5 9 6.3 9 8 9 8 9 10 12.5 12.5 15 16 15 18 15 18 20 18 25 55 75 90 135 220 300 360 620 960 1300 1550 1850 2350 5 9 5 9 5 9 5 9 5 9 5 9 5 9 5 9 5 9 5 9 6.3 9 6.3 9 10 9 10 12.5 12.5 12.5 16 15 18 20 20 25 case size d l (mm) frequency coefficient of rated ripple current 00 ~ 47 100 ~ 470 1000 ~ 00000 10 ~ 220 6.3 ~ 100 160 ~ 400 v 50hz 120hz 300hz 1 khz 10 khz ~ 0.75 1.00 1.35 1.57 2.00 0.80 1.00 1.23 1.34 1.50 0.85 1.00 1.10 1.13 1.15 0.80 1.00 1.25 1.40 1.60 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 150 220 330 470 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 680 101 151 221 331 471 2c 160 16 15 18 15 ? 18 20 18 25 . 20 25 420 490 590 710 770 2g 400 16 15 18 15 18 20 18 25 20 25 case size d l (mm) 140 280 350 420 490 2e 250 . 16 15 18 15 . ? 18 20 . 18 20 . 18 25 280 350 420 490 590 2d 200 . 16 15 18 15 ? 18 20 18 25 . 18 25 350 420 490 590 710 v code cap.(f) rated ripple rated ripple rated ripple (marms) at 85 ? c 120hz size 16 20 is available for capacitors marked " " size 20 15 is available for capacitors marked " ? " size 20 20 is available for capacitors marked " " in this case, 6 will be put at 12th digit of type numbering system. v code cap.(f) frequency cap.(f) 2a 100 5 9 5 9 5 9 5 9 5 9 5 9 5 9 6.3 9 6.3 9 8 9 10 9 10 12.5 12.5 15 16 15 18 15 1.9 4.5 6.5 8 17 26 35 45 70 130 180 230 370 620 760 1j 63 5 9 .51 6.3 9 .51 8 9 .51 8 9 .51 10 9 .51 12.5 12.5 12.5 15 .5 16 15 .5 60 100 140 170 250 490 710 900


▲Up To Search▲   

 
Price & Availability of URS1A102MHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X